Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0460 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics UM0460 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Using the front panel evaluation board
UM0460
14/23
3.5
MENU
The system has been provided with a MENU key to select one of the various display options
supported by the device STLED316S. The four different display options supported by the
system are explained in the following subsections.
3.5.1
Constant display - constant BAR
On pressing the MENU key once, the first MENU option is displayed. In this option all the 6-
digit LED displays (DIG2 - DIG7) and all the bars of the DIG1_LED have the same constant
brightness level which is 14/16.
On the LED display "888881" appears which indicates that the first MENU option is
displayed as shown in Figure 12.
Figure 12.
First menu option - "888881"
To select this display option for the system, the 'OK' key should be pressed.
3.5.2
Variable display - constant BAR
On pressing the MENU key twice, the second MENU option is displayed. In this option all
the 6-digit LED displays have different brightness levels and the different bars of the
DIG1_LED have the same constant brightness level which is 14/16.
Digit LED displays (DIG2 - DIG7) have different brightness levels 1/16, 13/16, 2/16, 11/16,
4/16 and 1/6 respectively.
On the LED display "888882" appears which indicates that the second MENU option is
displayed as shown in Figure 13.
Figure 13.
Second menu option - "888882"
To select this display option for the system, the 'OK' key should be pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com