Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2565 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 2Page - STMicroelectronics AN2565 Datasheet HTML 3Page - STMicroelectronics AN2565 Datasheet HTML 4Page - STMicroelectronics AN2565 Datasheet HTML 5Page - STMicroelectronics AN2565 Datasheet HTML 6Page - STMicroelectronics AN2565 Datasheet HTML 7Page - STMicroelectronics AN2565 Datasheet HTML 8Page - STMicroelectronics AN2565 Datasheet HTML 9Page - STMicroelectronics AN2565 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Component list
AN2565
6/29
3
Component list
Table 1.
Component list
Qty
Reference
Description
Value
Package
Part number
3
C1, C2, C3
Ceramic capacitor
10 µF, 50 V
1210
Tayio Yuden - UMK325BJ106KM
1
C4
Ceramic capacitor
10 µF, 50 V
1210
2
C5, C6
Ceramic capacitor
100 nF, 50 V
0805
1
C19
Ceramic capacitor
100 nF, 50 V
0805
1
C7
Tantalum capacitor
N.M.
7343
N.M.
2
C9, C10
Ceramic capacitor
N.M.
0805
N.M.
1
C11
Tantalum capacitor
N.M.
7343
N.M.
1
C8
Tantalum capacitor
220 µF,
25 m
Ω, 6.3 V
7343
Sanyo POSCAP - 6TPE220M
1
C12
Tantalum capacitor
150 µF,
18 m
Ω, 4 V
7343
Sanyo POSCAP - 4TPE150MI
2
C13, C14
Ceramic capacitor
10 nF, 50 V
0603
2
C15, C16
Ceramic capacitor
1.5 nF, 50 V
0603
2
C17, C18
Ceramic capacitor
47 pF, 50 V
0603
1
C20
Ceramic capacitor
1 µF, 10 V
0805
1
C21
Tantalum capacitor
4.7 µF, 16 V
3216
1
C22
Ceramic capacitor
220 nF, 10 V
0805
1
C23
Ceramic capacitor
10 pF, 50 V
0805
1
CIN
Tantalum capacitor
N.M.
D = 10 mm
1
CREF
Ceramic capacitor
100 nF, 50 V
0805
1
C26
Ceramic capacitor
4.7 µF, 50 V
1210
Taiyo-Yuden - UMK325F475ZH
1
C24, C25
Ceramic capacitor
10 µF, 6.3 V
0805
1
C27
Tantalum capacitor
N.M.
0805
1
C28
Tantalum capacitor
N.M.
3216
1D1
Dual Schottky
diode
SOT23
ST - BAS70
2D2, D3
Power Schottky
rectifier
SMA
STPS1L30M
1
IC1
PM6680A
VFQFPN-32 5x5
ST - PM6680A
1
L1
Power inductor
4.7 µH, 4 A
10 mm x 10 mm
Wurth - TPC 7440650047
1
L2
Power inductor
8.2 µH, 3 A
10 mm x 10 mm
Wurth - TPC 7440650082
4M1, M2
>40 V N-channel
MOSFET
SO-8
ST - STS5NF60L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com