Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2565 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 20Page - STMicroelectronics AN2565 Datasheet HTML 21Page - STMicroelectronics AN2565 Datasheet HTML 22Page - STMicroelectronics AN2565 Datasheet HTML 23Page - STMicroelectronics AN2565 Datasheet HTML 24Page - STMicroelectronics AN2565 Datasheet HTML 25Page - STMicroelectronics AN2565 Datasheet HTML 26Page - STMicroelectronics AN2565 Datasheet HTML 27Page - STMicroelectronics AN2565 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Test setup and performance summary
AN2565
24/29
Figure 21.
OUT2 switching frequency vs. load current
10.7
Linear regulator output voltages vs. output current
Figure 22 shows the load regulation for the internal linear regulator LDO5. Both switching
sections are disabled and 12 V is applied at VIN+ and VIN- test points.
Figure 22.
LDO5 output vs. load current
10.8
Load transient response
The following figures show the load transient response from 1 A to 4 A for both switching
outputs. In each of these cases the PM6680A works in forced PWM mode (the SKIP pin is
high).
OUT2=1.8V Switching Frequency
0
50
100
150
200
250
300
0.01
0.10
1.00
10.00
Load current [A]
SKIP @ 12V
SKIP @ 24V
SKIP @ 32V
NO AUD. SKIP @ 12V
NO AUD. SKIP @ 24V
NO AUD. SKIP @ 32V
PWM @ 12V
PWM @ 24V
PWM @ 32V
LDO5 vs. OUTPUT CURRENT
4.9790
4.9800
4.9810
4.9820
4.9830
4.9840
4.9850
4.9860
4.9870
4.9880
4.9890
0
1020
3040
50
6070
8090
100
LOAD CURRENT [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com