Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2565 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 8Page - STMicroelectronics AN2565 Datasheet HTML 9Page - STMicroelectronics AN2565 Datasheet HTML 10Page - STMicroelectronics AN2565 Datasheet HTML 11Page - STMicroelectronics AN2565 Datasheet HTML 12Page - STMicroelectronics AN2565 Datasheet HTML 13Page - STMicroelectronics AN2565 Datasheet HTML 14Page - STMicroelectronics AN2565 Datasheet HTML 15Page - STMicroelectronics AN2565 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Quick start
AN2565
12/29
7
Quick start
1.
Connect the VIN+ and VIN- test points of the evaluation board to an external power
supply.
2.
Ensure that all DIP switches (S2) are in the "OFF" position. In this condition all outputs
are disabled (shutdown mode).
3.
Move switch S21 to the “ON” position (SHDN pin high). This turns on the LDO5 output
(standby mode).
4.
Move switch S22 to the “ON” position (EN1 pin high). The 1.5 V switching controller
begins regulation of the output. PGOOD1 pin goes high after soft-start.
5.
Move switch S23 to the “ON” position (EN2 pin high). The 1.05 V switching controller
begins regulation of the output. PGOOD2 pin goes high after soft-start.
6.
In order to load the switching outputs, the loads must be connected between the "+"
and the "-" output test points, respectively.
7.
In order to load the linear outputs, the loads must be connected between J10 and
LDO5 or alternative RLD5V resistors can be used on the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com