Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2565 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 16Page - STMicroelectronics AN2565 Datasheet HTML 17Page - STMicroelectronics AN2565 Datasheet HTML 18Page - STMicroelectronics AN2565 Datasheet HTML 19Page - STMicroelectronics AN2565 Datasheet HTML 20Page - STMicroelectronics AN2565 Datasheet HTML 21Page - STMicroelectronics AN2565 Datasheet HTML 22Page - STMicroelectronics AN2565 Datasheet HTML 23Page - STMicroelectronics AN2565 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Test setup and performance summary
AN2565
20/29
Figure 13.
OUT1 efficiency
Figure 14.
OUT2 efficiency
10.5
Power consumption analysis
To measure the device consumption under real working conditions, an external power
supply of +5 V is connected to EXT5V.
The two traces on figures that follow show the differentiation between the two input currents.
Once the internal linear regulator is turned on, device consumption will increase as a
consequence.
Figure 15 shows the input current consumption measured at VIN+ (including ISHDN) and
the input device current consumption measured at the VCC pin. Both switching sections are
working in forced PWM mode. No load is applied on the outputs.
OUT1=3.3V Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
Load current [A]
SKIP @ 12V
SKIP @ 24V
SKIP @ 32V
NO AUD. SKIP @ 12V
NO AUD. SKIP @ 24V
NO AUD. SKIP @ 32V
PWM @ 12V
PWM @ 24V
PWM @ 32V
OUT2=1.8V Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
Load current [A]
SKIP @ 12V
SKIP @ 24V
SKIP @ 32V
NO AUD. SKIP @ 12V
NO AUD. SKIP @ 24V
NO AUD. SKIP @ 32V
PWM @ 12V
PWM @ 24V
PWM @ 32V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com