Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2565 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2565 Datasheet HTML 1Page - STMicroelectronics AN2565 Datasheet HTML 2Page - STMicroelectronics AN2565 Datasheet HTML 3Page - STMicroelectronics AN2565 Datasheet HTML 4Page - STMicroelectronics AN2565 Datasheet HTML 5Page - STMicroelectronics AN2565 Datasheet HTML 6Page - STMicroelectronics AN2565 Datasheet HTML 7Page - STMicroelectronics AN2565 Datasheet HTML 8Page - STMicroelectronics AN2565 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
April 2008
Rev 2
1/29
AN2565
Application note
PM6680A evaluation kit
dual step-down controller with auxiliary voltages
Introduction
PM6680A evaluation kit order code: STEVAL-ISA053V2.
The PM6680A is a dual step-down controller with adjustable output voltages. The PM6680A
evaluation kit is designed to test the performance of the PM6680A by employing a typical
application circuit that allows testing of all the PM6680A device functions. The kit features
two switching sections, with (typically) 3.3 V and 1.8 V outputs, from a 6 V to 36 V input
voltage. The typical operating switching frequency of the two switching sections is 200 kHz /
300 kHz, respectively. Each switching section delivers more than 2.5 A of output current.
Moreover, an internal linear regulator can provide 5 V @ 100 mA peak current.
Figure 1.
PM6680A evaluation kit
www.st.com


Similar Part No. - AN2565

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN256 SILABS-AN256 Datasheet
210Kb / 8P
INTEGRATED PHASE NOISE
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
STMicroelectronics
AN2566 STMICROELECTRONICS-AN2566 Datasheet
633Kb / 29P
PM6680 evaluation kit dual step-down controller
07-Apr-2008
More results

Similar Description - AN2565

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
AN2566 STMICROELECTRONICS-AN2566 Datasheet
633Kb / 29P
PM6680 evaluation kit dual step-down controller
07-Apr-2008
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com