Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2565 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 13Page - STMicroelectronics AN2565 Datasheet HTML 14Page - STMicroelectronics AN2565 Datasheet HTML 15Page - STMicroelectronics AN2565 Datasheet HTML 16Page - STMicroelectronics AN2565 Datasheet HTML 17Page - STMicroelectronics AN2565 Datasheet HTML 18Page - STMicroelectronics AN2565 Datasheet HTML 19Page - STMicroelectronics AN2565 Datasheet HTML 20Page - STMicroelectronics AN2565 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN2565
Test setup and performance summary
17/29
Figure 8.
Power-up sequence
10.3
Soft-start and shutdown waveforms
Figures 9 and 10, and figures 11 and 12 show the soft-start and shutdown waveforms,
respectively.
The PM6680A has an independent internal digital soft-start for each switching section.
During the soft-start phase the internal current limit increases from 25% to 100%, in
increments of 25%, to avoid the inductor current reaching too high a value.
Figure 9.
Section 1 soft-start waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com