Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2934 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2934 Datasheet HTML 1Page - STMicroelectronics AN2934 Datasheet HTML 2Page - STMicroelectronics AN2934 Datasheet HTML 3Page - STMicroelectronics AN2934 Datasheet HTML 4Page - STMicroelectronics AN2934 Datasheet HTML 5Page - STMicroelectronics AN2934 Datasheet HTML 6Page - STMicroelectronics AN2934 Datasheet HTML 7Page - STMicroelectronics AN2934 Datasheet HTML 8Page - STMicroelectronics AN2934 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2012
Doc ID 15394 Rev 1
1/27
AN2934
Application note
STEVAL-ISA062V1: 6 W, wide-range dual and single output SMPS
demonstration board based on the VIPer17
By John Lo Giudice
Introduction
The new VIPer17 device is a converter that offers a PWM controller built in BCD6
technology and an 800 V, avalanche-rugged vertical power section all in one package. The
converter is housed in a DIP7 or surface-mount SO-16 narrow package. The device has two
fixed switching frequencies: the VIPer17LN switches at 60 kHz and the VIPer17HN at
115 kHz. The device can deliver 6 W from wide-range operation from 85 to 305 Vac. It can
also deliver 10 W when operating from the European range of 175 to 264 Vac.
The VIPer17 incorporates the following additional features in high demand from customers.
■ Burst mode operation has been improved from earlier VIPers, providing a switching power
supply standby wattage as low as 50 mW at no load
■ Frequency jittering is implemented to ensure EMI measurements meet today's standards.
■ Adjustable overload
■ Output short-circuit protection for hard shorts such as transformer saturation or shorted
diode
■ Adjustable brownout and power surge features
■ Output overvoltage protection.
Not all of these additional features are necessary to operate the converter and some may be
omitted to reduce part count.
Figure 1.
VIPer17 dual output demonstration board
AM03418v1
www.st.com


Similar Part No. - AN2934

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2933 STMICROELECTRONICS-AN2933 Datasheet
172Kb / 10P
Demo board user guidelines for the TS4999 filter-free stereo
27-Mar-2009
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
More results

Similar Description - AN2934

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1101UC4LXX LITTELFUSE-B1101UC4LXX Datasheet
145Kb / 4P
Dual port protection is provided by a programmable device that is referenced
logo
STMicroelectronics
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
The SPC560Bx and SPC560Cx is a new family
17-Sep-2013
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
The PM6670S device is a complete
14-Nov-2008
AN4050 STMICROELECTRONICS-AN4050 Datasheet
1Mb / 19P
The STEVAL-ISV012V1 is a demonstration board that mounts
21-Mar-2013
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
The testflash is a ST reserved flash area that contains device information
Rev. 3.0
logo
Foshan Blue Rocket Elec...
BRCD3408 FOSHAN-BRCD3408 Datasheet
891Kb / 11P
The BRCD3408 is a constant frequency, current mode PWM step-down converter
logo
TOKYO SEIMITSU CO., LTD
E-DT-AHA-E ACCRETECH-E-DT-AHA-E Datasheet
162Kb / 1P
An A-E converter is a unit that uses bellows and a differential transformer to convert the minute
logo
Rohm
BM2P0161 ROHM-BM2P0161 Datasheet
1Mb / 23P
PWM Type DC/DC Converter IC Built-in a Switching MOSFET
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
Rohm
BM2P0161-Z ROHM-BM2P0161-Z Datasheet
1Mb / 25P
PWM Type DC/DC Converter IC Built-in a Switching MOSFET
08.Apr.2022 Rev.007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com