Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2934 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 8Page - STMicroelectronics AN2934 Datasheet HTML 9Page - STMicroelectronics AN2934 Datasheet HTML 10Page - STMicroelectronics AN2934 Datasheet HTML 11Page - STMicroelectronics AN2934 Datasheet HTML 12Page - STMicroelectronics AN2934 Datasheet HTML 13Page - STMicroelectronics AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics AN2934 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Pins and their functions
AN2934
12/27
Doc ID 15394 Rev 1
4
Pins and their functions
4.1
Brownout and power surge features
The VIPer17HN has a dedicated pin–called the BR pin– for the brownout and power surge
features. This pin (pin 5) has its comparator set for a 0.45 V input. The unit’s shutdown and
start-up can be set to the desired line voltages by attaching a resistor divider from the bulk to
this pin. If this feature is not required, the pin can be grounded. The J3 jumper is used for
this purpose. When the jumper is installed on the left-two pins marked "N", the brownout is
grounded or defeated. With the unit set to half the output power, it shuts down at 32 Vac and
restarts at 53 Vac. When the jumper is installed on the right-two pins marked "BR", the
brownout feature is active and the unit shuts down at 60 Vac and restarts at 70 Vac.
In today's appliances, such as washing machines, dryers, dishwashers and the like,
mechanical timers have been replaced with electronics. When the AC line drops for a short
duration, the appliance must ride through its cycle without going back to the beginning. If the
AC line drops for a longer period, information about where the appliance is in the cycle must
be saved. When the AC line comes back, the appliance has to continue from where it left off
and not start over again. This is known as the "hold-up time".
Ride-through is defined as the input line voltage dropping for a number of cycles and the unit
under test continuing to operate correctly without the microprocessor being reset. Typically,
tests are done at a nominal 115 Vac. The line is sensed and when missing pulses are
detected, the unit starts shedding loads, saves the settings and tries to "ride through" the
line dropout. If the input line does not come back in time, the power supply has to maintain
an output voltage until all the information has been saved. When the line does come back,
the cycle starts again from where it left off instead of from the beginning. Since E=½ C(V2
start-V2 end), most of the energy comes from the V2 of the input capacitor (C3). The delta
from the starting input voltage to the point where the PWM stops is the time the unit runs for.
The brownout pin turns off the unit at a certain voltage, reducing stress on the components
but affecting the hold-up time. C12 may be increased to delay the turn-off, forming an RC
time constant and therefore achieving a good hold-up, but turning off the unit if the voltage
dwells at a low line. The customer must evaluate the stresses on the components with
regard to the hold-up required.
The plots in Figure 4 and Figure 5 show the difference between the two settings of J3 on the
single reference board. The strap can be set to ground (N) or to (BR) with brownout active.
With the strap in the (N) position, the input capacitor can discharge to ~45 Vdc before a
glitch becomes noticeable on the main output. With the strap in the (BR) position, the
brownout is active and stops the PWM from switching when the voltage on the input
capacitor reaches a predetermined voltage set by the brownout divider. Vout is equal to 0.45
Vdc.
Equation 1
Vin
Vout R1
R2
+
()
R2
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com