Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2934 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 10Page - STMicroelectronics AN2934 Datasheet HTML 11Page - STMicroelectronics AN2934 Datasheet HTML 12Page - STMicroelectronics AN2934 Datasheet HTML 13Page - STMicroelectronics AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics AN2934 Datasheet HTML 16Page - STMicroelectronics AN2934 Datasheet HTML 17Page - STMicroelectronics AN2934 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Pins and their functions
AN2934
14/27
Doc ID 15394 Rev 1
Figure 6.
Overload setpoint at 115 Vac
4.3
VDD pin
The VDD pin is connected to an electrolytic capacitor that is charged during start-up by an
internal constant-current source inside the VIPer17HN. This pin is only enabled if the input
voltage is higher than 80 Vdc at the drain of the device. It is fixed and not dependent on the
brownout section. Once VDD reaches the start threshold of 15 V maximum, the VIPer17HN
shuts off the current source and starts switching. The charge current at start-up is 3 mA. If a
fault is detected, the charge current is reduced to 0.6 mA to obtain a slow duty cycle during
the restart phase and prevent overheating. The MOSFET is an 800 V minimum, avalanche-
rugged N channel with a typical RDS(on) of 20 Ω at 25°C. The VIPer17HN also has a soft-
start feature that progressively raises the drain current limitation to the maximum value as
shown in Figure 19. In this way, stresses on other components are considerably reduced.
4.4
Feedback pin
The feedback pin is the control input for duty cycle control. A voltage below 0.5 V activates
the burst mode operation. The upper level of 3.3 V borders on the cycle-by-cycle overcurrent
setpoint. For isolation this pin can be controlled by an optocoupler. The feedback point is
tied to 12 V in the single output reference design and to 5 V in the dual reference design. It
is normally tied before L2 to avoid a phase shift.
AM03423v1
OC trip VS Rlim
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
10
2030
405060
7080
R3 or Rlim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com