Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2934 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 13Page - STMicroelectronics AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics AN2934 Datasheet HTML 16Page - STMicroelectronics AN2934 Datasheet HTML 17Page - STMicroelectronics AN2934 Datasheet HTML 18Page - STMicroelectronics AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics AN2934 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AN2934
Experimental results
Doc ID 15394 Rev 1
17/27
As shown in the above tables for the double and single outputs, line and load regulation are
excellent. The shield helps to protect the device from EMI, as shown in Figure 15, but at the
expense of efficiency due to the extra wattage in the transformer’s energy dissipated as a
result of the coupling between the primary and the shield at high lines.
5.2
Transformers
Figure 9.
Transformer specifications
Line regulation
0.00%
0.08%
+/-% load/cross regulation
0.12%
1.47%
Ripple in mV pp at 115
25
Input at no load at 115 Vac in mW
86
Short-circuit
Ok
1.
VIPer17HN unit #1 with single primary, no shield CSM16VT-081.
Table 10.
Regulation for single output: without shield and single primary(1) (continued)
Vin
A at 12 V
12 Vout
W in
I in
Efficiency
Vdd
Figure 7.
Transformers for dual output
Figure 8.
Transformers for single output
AM03424v1
082
070
AM03425v1
AM03426v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com