Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2934 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 7Page - STMicroelectronics AN2934 Datasheet HTML 8Page - STMicroelectronics AN2934 Datasheet HTML 9Page - STMicroelectronics AN2934 Datasheet HTML 10Page - STMicroelectronics AN2934 Datasheet HTML 11Page - STMicroelectronics AN2934 Datasheet HTML 12Page - STMicroelectronics AN2934 Datasheet HTML 13Page - STMicroelectronics AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN2934
Bill of materials
Doc ID 15394 Rev 1
11/27
The VIPer17HN has several extra features that can be implemented if needed.
Table 6.
Bill of material changes for single output of 5 V at 1 A from dual output(1)
Item
Ref.
Part
Volt/Watt
Description
CAT #
Omit
C13
470 µF
25 V
Panasonic EEU-FC1E471
Omit
D6
STTH102A
STMicroelectronics
Change
T1
CSM16VT-084
Cramer coil CSM16VT-084
Change
D4
STPS3L60U
STMicroelectronics
Change
C9
820 µF
25 V
Panasonic EEU-FC1E821
Change
J4
Phoenix 2 pin
2 position
Phoenix contact 1729018
Change
R13
390
Ω
SM 0805
Change
R8
3.92 k
Ω
1%
SM 0805
Change
R9
3.92 k
Ω
1%
SM 0805
1.
Parts changed to make a single output power supply of 5 V at 1 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com