Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2934 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics AN2934 Datasheet HTML 16Page - STMicroelectronics AN2934 Datasheet HTML 17Page - STMicroelectronics AN2934 Datasheet HTML 18Page - STMicroelectronics AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics AN2934 Datasheet HTML 21Page - STMicroelectronics AN2934 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Experimental results
AN2934
18/27
Doc ID 15394 Rev 1
Note:
Core material is TDK PC40 or equivalent. High potential is 4000 Vac for 1 second.
Operating frequency is 115 kHz.
Table 11.
Transformer parameters
Part #
Winding
Pins
Primary inductance
Number of
turns
Wire type
Dual output
(5 V and 12 V), shield,
single primary
CSM 16VT-070
Shield
NC-10
40
34 awg
Primary
8-10
1.36 mH +/-10%
95
34 awg
5 V
4-3
5
0.45 mm triple-insulated
12 V
1-2
12
0.25 mm triple-insulated
Vdd
5-6
12
34 awg
Dual output (5 V and
12 V), no shield, split
primary
CSM 16VT-082
Primary
8-10
1.36 mH +/-10%
95
34 awg
5 V
4-3
5
0.45 mm triple-insulated
12 V
1-2
12
0.25 mm triple-insulated
Vdd
5-6
12
34 awg
12 V single output,
shield, single primary
CSM 16VT-066
Shield
NC-10
40
34 awg
Primary
8-10
1.36 mH +/-10%
95
34 awg
12 V
4-3
12
0.32 mm triple-insulated
Vdd
5-6
12
34 awg
12 V single output, no
shield, single primary
CSM 16VT-081
Primary
8-10
1.36 mH +/-10%
95
34 awg
12 V
4-3
12
2 x 0.32 mm triple-insulated
Vdd
5-6
12
34 awg
5 V single output, no
shield, single primary
CSM 16VT-084
Primary
8-10
1.36 mH +/-10%
95
34 awg
5 V
4-3
5
2 x 0.32 mm triple-insulated
Vdd
5-6
12
34 awg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com