| Electronic Components Datasheet Search |
|
AN2960 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2960 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 41 page ![]() Theory of operation AN2960 6/41 Doc ID 15557 Rev 1 1 Theory of operation The LIS331DL is an ultra compact, low-power, digital output 3-axis linear accelerometer packaged in an LGA package. The complete device includes a sensing element and an IC interface capable of taking information from the sensing element and providing a signal to external applications through an I2C/SPI serial interface (Figure 1). A proprietary process is used to create a surface micro-machined accelerometer. The technology allows the creation of suspended silicon structures which are attached to the substrate at a few points, called “anchors”, and are free to move in the direction of the sensed acceleration. To be compatible with traditional packaging techniques, a cap is placed on top of the sensing element to avoid the blockage the moving parts during the moulding phase of the plastic encapsulation. When an acceleration is applied to the sensor, the proof mass displaces from its nominal position, causing an imbalance in the capacitive half-bridge. This imbalance is measured using charge integration in response to a voltage pulse applied to the sense capacitor. In steady state, the nominal value of the capacitors are a few pico farads, and when an acceleration is applied the maximum variation of the capacitive load is of a few femto farads. The complete measurement chain is composed of a low-noise capacitive amplifier which converts the capacitive unbalancing of the MEMS sensor into an analog voltage, and by analog-to-digital converters. The acceleration data may be accessed through an I2C/SPI interface, making the device particularly suitable for direct interfacing with a microcontroller. Data synchronization in a digital system employing the device is made simpler through the use of the DataReady signal (RDY), which indicates when a new set of measured acceleration data is available, thus simplifying data synchronization in the digital system employing the device. The LIS331DL also features two independent, fully-programmable interrupt sources which can be programmed to generate an interrupt signal when a programmable acceleration threshold is exceeded along one of the three axes, or to detect a free-fall event. The IC interface is factory calibrated for sensitivity (So) and zero-g level (Off). The trimming values are stored in the device by a non-volatile structure. Any time the device is turned on, the trimming parameters are loaded into the registers to be employed during normal operation. This allows the user to use the device without further calibration. Figure 1. Device block diagram CHARGE AMPLIFIER MUX Y+ Z+ Y- Z- a X+ X- I2C SPI CS SCL/SPC SDA/SDO/SDI SDO CONTROL LOGIC & INTERRUPT GEN. INT 1 CLOCK TRIMMING CIRCUITS REFERENCE SELF TEST CONTROL LOGIC A/D CONVERTER INT 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |