Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2960 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 29Page - STMicroelectronics AN2960 Datasheet HTML 30Page - STMicroelectronics AN2960 Datasheet HTML 31Page - STMicroelectronics AN2960 Datasheet HTML 32Page - STMicroelectronics AN2960 Datasheet HTML 33Page - STMicroelectronics AN2960 Datasheet HTML 34Page - STMicroelectronics AN2960 Datasheet HTML 35Page - STMicroelectronics AN2960 Datasheet HTML 36Page - STMicroelectronics AN2960 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AN2960
Application information
Doc ID 15557 Rev 1
33/41
9.3
Understanding acceleration data
The measured acceleration data are sent to the OUTX, OUTY and OUTZ registers. The
acceleration values are expressed as a 2’s complement number. When the full-scale is set
to 2 g, each LSB corresponds to 18 mg.
The table below provides a few basic examples of the data that is read in the data registers
when the device is subject to a given acceleration. The values listed in the table are given
under the hypothesis of perfect device calibration (i.e. no offset, no gain error, etc.) and
rounded to the closest integer.
Table 5.
Output data register content vs. acceleration
Acceleration values
FS bit = 0
FS bit = 1
Output register content
0 g
00h
00h
350 mg
14h
05h
1 g
38h
0Eh
2 g
6Fh
1Ch
-350 mg
ECh
FBh
-1 g
C8h
F2h
-2 g
91h
E4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com