Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2960 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 6Page - STMicroelectronics AN2960 Datasheet HTML 7Page - STMicroelectronics AN2960 Datasheet HTML 8Page - STMicroelectronics AN2960 Datasheet HTML 9Page - STMicroelectronics AN2960 Datasheet HTML 10Page - STMicroelectronics AN2960 Datasheet HTML 11Page - STMicroelectronics AN2960 Datasheet HTML 12Page - STMicroelectronics AN2960 Datasheet HTML 13Page - STMicroelectronics AN2960 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Digital interfaces
AN2960
10/41
Doc ID 15557 Rev 1
4
Digital interfaces
The registers embedded in the LIS331DL may be accessed through I2C and SPI serial
interfaces. The latter may be SW configured to operate in either 3-wire or 4-wire interface
mode.
The serial interfaces are mapped onto the same pads. To select/exploit the I2C interface, the
CS line must be tied high (i.e. connected to Vdd_IO).
4.1
I2C bus interface
The LIS331DL I2C is a bus slave. The I2C is employed to write/read the data to/from the
registers.
Relevant I2C terminology is provided in Table 3:
There are two signals associated with the I2C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bidirectional line used for sending and receiving data to/from
the interface. Both lines are connected to Vdd_IO through a pull-up resistor embedded in
the LIS331DL. When the bus is free, both the lines are high.
The I2C interface is compliant with fast mode (400 kHz) I2C standards as well as normal
mode.
Table 2.
Serial interface pin description
Pin Name
Pin description
CS
SPI chip select (CS)
I2C/SPI selector (1: I2C mode; 0: SPI enabled)
SCL/SPC
SPI CK line (SCL)
I2C clock line (SPC)
SDI/SDA/SDO
I2C serial data (SDA)
SPI data in (SDI)
SPI data out (SDO) -for 3-wire SPI mode
SDO
I2C less significant bit of device address
SPI data out (SDO) - for 4-wire SPI mode
Table 3.
Terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates
a transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com