| Electronic Components Datasheet Search |
|
AN2960 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2960 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 41 page ![]() About control registers AN2960 22/41 Doc ID 15557 Rev 1 The IHL bit selects the polarity of the interrupt signal. When IHL is ‘0’ (default value) any interrupt event is signalled with a logical 1. The PP_OD bit defines whether the interrupt pad should operate in Push-pull or in Open Drain mode. The latter is specifically intended for wired-OR connection of multiple interrupt signals on the same interrupt line. The default value is ‘0’ which corresponds to Push-pull mode. The I2CFG[2:0] and I1CFG[2:0] bits select which signal should be sent out from the INT2 and INT1 interrupt pads as described in the following table: Two completely independent interrupt blocks are available in the LIS331DL: FF_WU1 and FF_WU2. They can be configured using the registers described in Section 8. HP filtered data can be selected for further processing by the Interrupt Generator block by setting the desired values for the HP FF_WU1 and HP FF_WU2 bits in CTRL_REG2. The default value is '0' and corresponds to the use of non-filtered data. The output of the Interrupt Generator block is used to load the FF_WU_SRC_1 and FF_WU_SRC_2 registers. I2CFG2 I2CFG1 I2CFG0 INT2 pin I1CFG2 I1CFG1 I1CFG0 INT1 pin 0 0 0 GND 001 FF_WU 1 010 FF_WU 2 0 1 1 FF_WU1 or FF_WU2 100 DataReady 111 -- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |