Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2960 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 33Page - STMicroelectronics AN2960 Datasheet HTML 34Page - STMicroelectronics AN2960 Datasheet HTML 35Page - STMicroelectronics AN2960 Datasheet HTML 36Page - STMicroelectronics AN2960 Datasheet HTML 37Page - STMicroelectronics AN2960 Datasheet HTML 38Page - STMicroelectronics AN2960 Datasheet HTML 39Page - STMicroelectronics AN2960 Datasheet HTML 40Page - STMicroelectronics AN2960 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
AN2960
Application information
Doc ID 15557 Rev 1
37/41
9.6
Free-fall detection
9.6.1
Roll function not used
This paragraph provides the basics for the use of the free-fall detection feature. The SW
routine that configures the device to detect free-fall events and to signal them is as follows:
The code sample exploits a threshold set at 350 mg for free-fall recognition and the event is
notified by the hardware signal INT2 pin. At step 5, the FF_WU_DURATION_1 register is
configured to ignore events that are shorter than 9/ODR=9/100~90 ms (ODR=output data
rate) in order to avoid false detections.
Once the free-fall event has occurred, a dummy read at FF_WU_SRC_1 reg clears the
request and the device is ready to recognize other events.
9.6.2
Roll function applied
The roll function can be added to free-fall condition recognition using both interrupt sources.
Interrupt signals can be sent to two different pins (INT1, INT2) or can be sent to the same
pin so that the first condition verified controls the pin (logic “OR” of interrupt signals).
9.7
Output data rate selection and reading timing
The output data rate is user-selectable through the DR bit stored in the CTRL_REG1 (20h)
register. At power-on-reset, DR is reset to 0, thus providing a default output data rate set to
100 Hz.
The selectable output data rates are given in Table 6 below:
1
write 47h into CTRL_REG1
// Turn-on the sensor and set ODR=100 Hz
2
write 00h into CTRL_REG2
// Default value: high-pass filter bypassed
3
write 08h into CTRL_REG3
// FF_WU1 interrupt sent to INT2 pin
4
write 14h into FF_WU_THS_1 reg
// Set the free-fall threshold
5
write 09h into FF_WU_DURATION_1 reg
// Set minimum event duration to 90 ms
6
write D5h into FF_WU_CFG_1
// Configure free-fall recognition and latch
// interrupt request
7
poll INT2 pad; if INT2=0 then goto 7
// Poll INT2 pin waiting for the free-fall event
8
(Free-fall event has occurred; insert your code
here)
// Event handling
9
read FF_WU_SRC_1 register
// Clear interrupt request
10
goto 7
Table 6.
Output data rate
DR
Output data rate
0
100 Hz
1
400 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com