Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2960 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2960 Datasheet HTML 1Page - STMicroelectronics AN2960 Datasheet HTML 2Page - STMicroelectronics AN2960 Datasheet HTML 3Page - STMicroelectronics AN2960 Datasheet HTML 4Page - STMicroelectronics AN2960 Datasheet HTML 5Page - STMicroelectronics AN2960 Datasheet HTML 6Page - STMicroelectronics AN2960 Datasheet HTML 7Page - STMicroelectronics AN2960 Datasheet HTML 8Page - STMicroelectronics AN2960 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
June 2009
Doc ID 15557 Rev 1
1/41
AN2960
Application note
LIS331DL: 3-axis - ±2 g /±8 g digital output
ultra compact linear accelerometer
Introduction
This document is intended to provide application information for the LIS331DL low-voltage
3-axis digital output linear MEMS accelerometer housed in an LGA package.
The LIS331DL is an ultra-compact low-power 3-axis linear accelerometer that includes a
sensing element and an IC interface capable taking information from the sensing element
and providing the measured acceleration data to external applications via an I2C/SPI serial
interface.
The sensing element used to detect acceleration is manufactured using a dedicated process
developed by ST to produce inertial sensors and actuators in silicon.
The IC interface is instead manufactured using a CMOS process that allows a high level of
integration to design a dedicated circuit which is factory trimmed to better match the sensing
element characteristics.
The LIS331DL has a user-selectable full scale of ±2 g and ±8 g and is capable of measuring
accelerations with an output data rate of 100 Hz or 400 Hz. A self-test capability allows the
user to check that the system is operating correctly.
The device features two independent, highly programmable interrupt sources that can be
configured either to generate an inertial wake-up interrupt signal when a programmable
acceleration threshold is exceeded along one of the three axes, to detect a free-fall or to
recognize single/double click events.
Two independent pins can be configured to provide interrupt signals to connected devices.
The LIS331DL is available in a plastic SMD package and is designed to operate over a
temperature range extending from -40 °C to +85 °C.
The ultra small size and weight of the SMD package make it an ideal choice for handheld
portable applications such as cell phones and PDAs, or any other application where
reduced package size and weight are required.
www.st.com


Similar Part No. - AN2960

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN296 SILABS-AN296 Datasheet
442Kb / 24P
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
logo
STMicroelectronics
AN2961 STMICROELECTRONICS-AN2961 Datasheet
345Kb / 14P
STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
13-Nov-2009
AN2966 STMICROELECTRONICS-AN2966 Datasheet
171Kb / 8P
Capacitor selection guide for STM8T141 capacitive sensor
17-Sep-2013
AN2967 STMICROELECTRONICS-AN2967 Datasheet
169Kb / 9P
Implementing a driven shield on STM8T and STM8TS capacitive sensors
04-May-2009
More results

Similar Description - AN2960

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2381 STMICROELECTRONICS-AN2381 Datasheet
736Kb / 47P
low voltage linear accelerometer
15-Jun-2006
logo
Freescale Semiconductor...
FXLS8471Q FREESCALE-FXLS8471Q Datasheet
576Kb / 75P
Linear Accelerometer
logo
TE Connectivity Ltd
810M1 TEC-810M1 Datasheet
158Kb / 3P
Piezoelectric Linear Accelerometer
8101 TEC-8101 Datasheet
166Kb / 4P
Piezoelectric Linear Accelerometer
logo
STMicroelectronics
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
13-Jun-2014
logo
Amphenol Wilcoxon Sensi...
731-207 WILCOXON-731-207 Datasheet
258Kb / 1P
Compact, ultra low-frequency accelerometer
Rev.D.3 01/20
logo
NXP Semiconductors
FXLS8471Q NXP-FXLS8471Q Datasheet
1Mb / 86P
3-Axis, Linear Accelerometer
Rev. 3.0 - 13 June 2019
logo
STI Vibration Monitorin...
CMCP770A STI-CMCP770A Datasheet
482Kb / 2P
Compact Top Entry Accelerometer
January 2023
CMCP780A STI-CMCP780A Datasheet
503Kb / 2P
Compact Side Entry Accelerometer
January 2023
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
Low-Cost Compact Triaxial Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com