Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 2Page - STMicroelectronics AN3014 Datasheet HTML 3Page - STMicroelectronics AN3014 Datasheet HTML 4Page - STMicroelectronics AN3014 Datasheet HTML 5Page - STMicroelectronics AN3014 Datasheet HTML 6Page - STMicroelectronics AN3014 Datasheet HTML 7Page - STMicroelectronics AN3014 Datasheet HTML 8Page - STMicroelectronics AN3014 Datasheet HTML 9Page - STMicroelectronics AN3014 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Main characteristics and circuit description
AN3014
6/29
Doc ID 16064 Rev 2
order to avoid capacitive mode operation, but to allow the resonant stage to operate even in
case of mains sag and consequent PFC output dip.
Fast voltage feed-forward
The voltage on the L6563H VFF pin (pin 5) is the peak value of the voltage on the MULT pin
(pin 3). The RC network (R15+R26, C12) connected to VFF completes the peak-holding
circuit. This signal is necessary to derive RMS input voltage information to compensate the
loop gain, which is mains voltage dependent.
Generally speaking, if the time constant is too small, the voltage generated is affected by a
considerable amount of ripple at twice the mains frequency, thus causing distortion of the
current reference (resulting in high THD and poor PF). If the time constant is too large, there
is a considerable delay in setting the right amount of feed-forward, resulting in excessive
overshoot or undershoot of the preregulator's output voltage in response to large line
voltage changes.
To overcome this issue, the L6563H implements the new fast voltage feed-forward function.
As soon as the voltage on the VFF pin decreases to a set threshold (40 mV typically), a
mains dip is assumed and an internal switch rapidly discharges the VFF capacitor via a 10-
k
Ω resistor. Thanks to this feature, it is possible to set an RC circuit with a long time
constant, assuring a low THD and maintaining a fast response to mains dip.
Resonant power stage
The downstream converter employs ST’s L6599A, which incorporates all the functions
necessary to properly control the resonant converter with a 50% fixed duty cycle and works
with a variable frequency.
The transformer uses the integrated magnetic approach, incorporating a resonant series
inductor. Thus, no additional external coil is needed for the resonance. The transformer
configuration chosen for the secondary winding is center tap.
On the secondary side, the output rectification is controlled by the SRK2000, an SR driver
dedicated to LLC resonant topology.
A small LC filter has been added on the output, filtering the high-frequency ripple.
D15, R56, R62, R65, R66, Q5 and Q6 implement an output voltage “fast discharge” circuit
which quickly discharges the output capacitors when the converter is turned off. It has been
implemented to quickly decrease the residual output voltage after the converter is turned off
at no load.
Output voltage feedback loop
The feedback loop is implemented by means of a typical circuit using a TL431 to modulate
the current in the optocoupler diode.
On the primary side, R34 - connecting the RFMIN pin (pin 4) to the optocoupler
phototransistor - closes the feedback loop and its value sets the maximum switching
frequency at about 130 kHz. This value has been chosen to limit the switching losses at light
load operation. R31, which connects the same pin to ground, sets the minimum switching
frequency. The R-C series (R44 and C18) sets both the soft-start maximum frequency and
duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com