Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 13Page - STMicroelectronics AN3014 Datasheet HTML 14Page - STMicroelectronics AN3014 Datasheet HTML 15Page - STMicroelectronics AN3014 Datasheet HTML 16Page - STMicroelectronics AN3014 Datasheet HTML 17Page - STMicroelectronics AN3014 Datasheet HTML 18Page - STMicroelectronics AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics AN3014 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN3014
Thermal map
Doc ID 16064 Rev 2
17/29
5
Thermal map
In order to check design reliability, thermal mapping by means of an IR camera was done.
Below, thermal measurements of the component side of the board at nominal input voltage
are shown. The pointers on the images have been placed across key components. The
ambient temperature during both measurements was 27 °C.
Figure 16.
Thermal map at 115 Vac - 60 Hz - full load
Figure 17.
Thermal map at 230 Vac - 50 Hz - full load
The pictures highlight that although both the synchronous rectifier MOSFETs at secondary
side are working without a heatsink, their operating case temperature is lower than 60 °C.
Table 4.
Thermal map reference points
Point
Reference
Description
A
L1
EMI filtering inductor
B
D1
Bridge rectifier
C
L2
PFC inductor
D
D4
PFC output diode
E
Q3
Resonant high-side MOSFET
F
T1
Resonant power transformer
G
Q11
Output rectifier MOSFETs (hottest spot)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com