Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 15Page - STMicroelectronics AN3014 Datasheet HTML 16Page - STMicroelectronics AN3014 Datasheet HTML 17Page - STMicroelectronics AN3014 Datasheet HTML 18Page - STMicroelectronics AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics AN3014 Datasheet HTML 21Page - STMicroelectronics AN3014 Datasheet HTML 22Page - STMicroelectronics AN3014 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN3014
Bill of material
Doc ID 16064 Rev 2
19/29
7
Bill of material
Table 5.
EVL90WADP-LLCSR demonstration board bill of material
Des.
Part type/part value
Description
Supplier
Case
C1
470 nF
X2 - FLM cap - R46-I 3470--M1-
ARCOTRONICS
9×18 mm P15 mm
C2
2.2 nF
Y1 safety cap. DE1E3KX222M
Murata
DWG
C3
2.2 nF
Y1 safety cap. DE1E3KX222M
Murata
DWG
C4
470 nF
X2 - FLM cap - R46-I 3470--M1-
ARCOTRONICS
9×18 mm P15 mm
C5
470 nF
400 V - FILM cap - B32653A4474
EPCOS
DWG
C6
4.7 nF
50 V CERCAP - general purpose
AVX
0805
C7
100 nF
100 V CERCAP - general purpose
AVX
PTH
C8
10 µF
Aluminum ELCAP - YXF series
Rubycon
Dia. 6.3x11 mm
C9
47 µF
450 V aluminum ELCAP - ED series
Panasonic
Dia. 18x32 mm
C10
1 nF
50 V CERCAP - general purpose
AVX
0805
C11
2.2 nF
50 V CERCAP - general purpose
AVX
0805
C12
1 µF
25 V CERCAP - general purpose
AVX
0805
C13
680 nF
25 V CERCAP - general purpose
AVX
1206
C14
68 nF
50 V CERCAP - general purpose
AVX
0805
C15
47 µF
50 V aluminum ELCAP - YXF series
Rubycon
Dia. 6.3x11 mm
C16
2.2 nF
50 V CERCAP - general purpose
AVX
1206
C17
470 pF
50 V - 5% - C0G - CERCAP
AVX
0805
C18
2.2 µF
6.3 V CERCAP - general purpose
AVX
1206
C19
100 nF
50 V CERCAP - general purpose
AVX
1206
C20
2.2 nF
Y1 safety cap. DE1E3KX222M
Murata
DWG
C21
2.2 nF
Y1 safety cap. DE1E3KX222M
Murata
DWG
C22
220 pF
50 V CERCAP - general purpose
AVX
0805
C23
10 nF
50 V CERCAP - general purpose
AVX
0805
C24
100 µF
50 V aluminum ELCAP-YXF series
Rubycon
Dia. 10x12.5 mm
C25
330 nF
50 V CERCAP - general purpose
AVX
0805
C26
10 µF
50 V aluminum ELCAP - YXF series
Rubycon
Dia. 6.3x11 mm
C27
220 pF
500 V CERCAP - 5MQ221KAAAA
AVX
5x3 mm
C28
22 nF
630 V - PHE450MA5220JR05
KEMET
16x8 mm
C29
470 µF
35 V aluminum ELCAP - YXF series
Rubycon
Dia. 12.5x20 mm
C30
470 µF
35 V aluminum ELCAP - YXF series
Rubycon
Dia. 12.5x20 mm
C31
220 µF
35 V aluminum ELCAP - FM series
Panasonic
D8x16
C32
100 nF
50 V CERCAP - general purpose
AVX
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com