Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3014 Datasheet HTML 1Page - STMicroelectronics AN3014 Datasheet HTML 2Page - STMicroelectronics AN3014 Datasheet HTML 3Page - STMicroelectronics AN3014 Datasheet HTML 4Page - STMicroelectronics AN3014 Datasheet HTML 5Page - STMicroelectronics AN3014 Datasheet HTML 6Page - STMicroelectronics AN3014 Datasheet HTML 7Page - STMicroelectronics AN3014 Datasheet HTML 8Page - STMicroelectronics AN3014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
December 2010
Doc ID 16064 Rev 2
1/29
AN3014
Application note
19 V, 90 W resonant converter with synchronous rectification
using the L6563H, L6599A and SRK2000
Introduction
This application note describes the characteristics and the features of a 90 W demonstration
board (EVL90WADP-LLCSR), tailored to specifications for a typical high-end portable
computer power supply. A peculiarity of this SMPS design is the very high efficiency
compliant with ENERGY STAR® eligibility criteria (EPA rev. 2.0 EPS). One of the key factors
in achieving this result is the SRK2000. This synchronous rectification driver for LLC
resonant converters allows significantly reduced secondary-side losses. Thanks to this
improvement, secondary-side heatsinks, which are typically needed for this power range,
can be dramatically reduced or even removed.
Figure 1.
EVL90WADP-LLCSR: 90 W adapter demonstration board
www.st.com


Similar Part No. - AN3014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3014 MA-COM-AN3014 Datasheet
142Kb / 3P
Electrical Characterization of the MAAMSS0031 16 dB Gain Application Circuit
More results

Similar Description - AN3014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
This application note describes the characteristics and performance
28-Jan-2011
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
This application note describes the characteristics and features
25-Feb-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com