Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 16Page - STMicroelectronics AN3014 Datasheet HTML 17Page - STMicroelectronics AN3014 Datasheet HTML 18Page - STMicroelectronics AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics AN3014 Datasheet HTML 21Page - STMicroelectronics AN3014 Datasheet HTML 22Page - STMicroelectronics AN3014 Datasheet HTML 23Page - STMicroelectronics AN3014 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Bill of material
AN3014
20/29
Doc ID 16064 Rev 2
C34
220 nF
50 V CERCAP - general purpose
AVX
0805
C36
1 µF
50 V aluminum ELCAP - YXF series
Rubycon
Dia. 6.3x11 mm
C39
100 nF
50 V CERCAP - general purpose
AVX
0805
C40
100 nF
50 V CERCAP - general purpose
AVX
1206
C41
100 nF
50 V CERCAP - general purpose
AVX
0805
C42
100 nF
50 V CERCAP - general purpose
AVX
1206
C43
4.7 nF
50 V CERCAP - general purpose
AVX
1206
C44
10 nF
50 V CERCAP - general purpose
AVX
1206
C45
220 nF
25 V CERCAP - general purpose
AVX
0805
C48
10 µF
50 V aluminum ELCAP - YXF series
Rubycon
Dia. 6.3x11 mm
D1
GBU4J
Single-phase bridge rectifier
Vishay
GBU
D2
LL4148
High-speed signal diode
Vishay
SOD-80
D3
1N4005
General purpose rectifier
Vishay
DO-41
D4
STTH2L06
Ultrafast high-voltage rectifier
STMicroelectronics
DO-41
D5
LL4148
High-speed signal diode
Vishay
SOD-80
D7
LL4148
High-speed signal diode
Vishay
SOD-80
D8
BZV55-B27
Zener diode
Vishay
SOD-80
D9
STPS1L60A
Power Schottky rectifier
STMicroelectronics
SMA
D10
LL4148
High-speed signal diode
Vishay
SOD-80
D11
LL4148
High-speed signal diode
Vishay
SOD-80
D15
BZV55-C15
Zener diode
Vishay
SOD-80
D16
LL4148
High-speed signal diode
Vishay
SOD-80
D18
LL4148
High-speed signal diode
Vishay
SOD-80
D19
LL4148
High-speed signal diode
Vishay
SOD-80
D20
BZV55-B15
Zener diode
Vishay
SOD-80
D22
LL4148
Fast switching diode
Vishay
SOD-80
F1
Fuse T4A
Fuse 4 A - time lag - 3921400
Littelfuse
P 5.08 mm
HS1
Heatsink
Heatsink for D1, Q1, Q3, Q4
DWG
J1
MKDS 1,5/ 3-5,08
PCB term. block, screw conn., - 3 wires
Phoenix Contact
P 5.08 mm
J2
MKDS 1,5/ 2-5,08
PCB term. block, screw conn., - 2 wires
Phoenix Contact
P 5.08 mm
L1
HF2826-123Y1R8-T01
Input EMI filter
TDK
DWG
L2
1974.0002
PFC inductor - 0.52 mH
Magnetica
DWG
L3
1073.0083
1 µH - 5 A inductor
Magnetica
DWG
Q1
STF12NM50N
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q3
STP8NM50FP
N-channel power MOSFET
STMicroelectronics
TO-220FP
Table 5.
EVL90WADP-LLCSR demonstration board bill of material (continued)
Des.
Part type/part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com