Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3014 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 8Page - STMicroelectronics AN3014 Datasheet HTML 9Page - STMicroelectronics AN3014 Datasheet HTML 10Page - STMicroelectronics AN3014 Datasheet HTML 11Page - STMicroelectronics AN3014 Datasheet HTML 12Page - STMicroelectronics AN3014 Datasheet HTML 13Page - STMicroelectronics AN3014 Datasheet HTML 14Page - STMicroelectronics AN3014 Datasheet HTML 15Page - STMicroelectronics AN3014 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Harmonic content measurement
AN3014
12/29
Doc ID 16064 Rev 2
3
Harmonic content measurement
The board has been tested according to the European standard EN61000-3-2 class-D and
Japanese standard JEITA-MITI Class-D, at both nominal input voltage mains. As reported in
graphs that follow, the circuit is capable of reducing the harmonics well below the limits of
both regulations.
At the bottom of the diagrams, the total harmonic distortion and power factor measurements
are also reported. The values in all conditions provide a clear overview of the correct
functionality of the PFC.
Figure 4.
Compliance to EN61000-3-2 at
230 Vac - 50 Hz, full load
Figure 5.
Compliance to JEITA-MITI at
100 Vac - 50 Hz, full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com