Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3119 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 4Page - STMicroelectronics AN3119 Datasheet HTML 5Page - STMicroelectronics AN3119 Datasheet HTML 6Page - STMicroelectronics AN3119 Datasheet HTML 7Page - STMicroelectronics AN3119 Datasheet HTML 8Page - STMicroelectronics AN3119 Datasheet HTML 9Page - STMicroelectronics AN3119 Datasheet HTML 10Page - STMicroelectronics AN3119 Datasheet HTML 11Page - STMicroelectronics AN3119 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Bill of material
AN3119
8/32
Doc ID 16849 Rev 2
JPX4
Wire jumper
Wire jumper
JPX5
Wire jumper
Insulated wire jumper
JPX6
Wire jumper
Wire jumper
JPX7
Wire jumper
Insulated wire jumper
JPX8
Wire jumper
Wire jumper
L1
LH30-792Y3R0-01
DWG
Input Emi filter - 7.9 mH-3A
TDK
L2
180 µH
DWG
PFC inductor PFC3819QM-181K09B01
TDK
Q1
STF12NM50N
TO-220FP
N-channel power MOSFET
STMicroelectronics
Q2
STF12NM50N
TO-220FP
N-channel power MOSFET
STMicroelectronics
R1
NTC 1R0-S237
DWG
NTC resistor P/N B57237S0109M000
EPCOS
R10
27 k
Ω
0805
SMD STD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R11
150 k
Ω
1206
SMD STD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R12
2.2 M
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R13
100 k
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R14
100 k
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R15
51 k
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R16
6.8
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R17
3.9
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R18
6.8
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R19
3.9
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R2
47
Ω
1206
SMD STD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R20
220
Ω
1206
SMD STD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R21
3.3 M
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R23
0.22
Ω
PTH
SFR25 axial STD film res - 0.4 W - 5 % -
250 ppm/°C
VISHAY
R24
0.22
Ω
PTH
SFR25 axial STD film res - 0.4 W - 5 % -
250 ppm/°C
VISHAY
R25
3.3 M
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R26
2.2 M
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R27
56 k
Ω
0805
SMD STD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R28
1 M
Ω
0805
SMD STD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R29
10
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R3
1 M
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R30
1 k
Ω
0805
SMD STD film res - 1/8W - 5 % - 250ppm/°C
VISHAY
R31
1 k
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
Table 1.
EVL6563S-250W TM PFC demonstration board BOM (continued)
Des.
Part type/
part value
Case style
/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com