Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3119 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 15Page - STMicroelectronics AN3119 Datasheet HTML 16Page - STMicroelectronics AN3119 Datasheet HTML 17Page - STMicroelectronics AN3119 Datasheet HTML 18Page - STMicroelectronics AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN3119
Test results and significant waveforms
Doc ID 16849 Rev 2
19/32
4.4
Startup operation
Figure 29 and 30 show the waveforms during the startup of the circuit at mains plug-in.
The R5 and R11 startup resistors charge the Vcc C9 capacitor, therefore Vcc voltage rises
up to the turn-on threshold, and the L6563S starts operating. For a short time the energy is
supplied by the Vcc capacitor, and then the auxiliary winding with the charge pump circuit
takes over.
Because the startup resistors are always connected to the mains, their power consumption
during normal operation might affect the efficiency of the power supply once it operates at
light load. Therefore the value of the startup resistors must be found as a compromise
between the startup time at minimum input mains and the power dissipation at maximum
input mains.
In Figure 28 and 29 the waveforms during startup of the circuit at mains plug-in are shown.
Notice that because the Vcc voltage rise depends on the input voltage, the wake-up time is
dependent on the input mains voltage.
The same figures show that the output voltage rises from the peak value of the rectified
mains to the nominal value of the PFC output voltage and the good phase margin of the
compensation network allows a clean startup without overshoot.
Figure 29.
EVL6563S-250W TM PFC: startup at
90 Vac-60 Hz - full load
Figure 30.
EVL6563S-250W TM PFC: startup at
265 Vac-50 Hz - full load
CH1: PFC output voltage
CH2: Vcc voltage (pin #14)
CH3: RUN (pin #10)
CH4: gate drive (pin #13)
CH1: PFC output voltage
CH2: Vcc voltage (pin #14)
CH3: RUN (pin #10)
CH4: gate drive (pin #13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com