Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3119 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 8Page - STMicroelectronics AN3119 Datasheet HTML 9Page - STMicroelectronics AN3119 Datasheet HTML 10Page - STMicroelectronics AN3119 Datasheet HTML 11Page - STMicroelectronics AN3119 Datasheet HTML 12Page - STMicroelectronics AN3119 Datasheet HTML 13Page - STMicroelectronics AN3119 Datasheet HTML 14Page - STMicroelectronics AN3119 Datasheet HTML 15Page - STMicroelectronics AN3119 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Test results and significant waveforms
AN3119
12/32
Doc ID 16849 Rev 2
load range during operation at low mains. THD increases and PF decreases during
European mains operation at light load because the circuit begins working in burst mode to
maintain good efficiency, preventing from operating at a too high switching frequency. In a
case where the burst mode operation cannot be accepted a compromise with efficiency
must be found. The burst mode threshold can be slightly adjusted by modifying the multiplier
divider ratio and/or the compensation network.
The measured efficiency is shown in Figure 13, measured according to the ES-2
requirements. It is excellent at all load and line conditions; at full load it is always higher than
94 %, making this design suitable for high efficiency power supply. The average efficiency
calculated according to the ES-2 requirements at different nominal mains voltages is shown
in Figure 14.
Figure 11.
EVL6563S-250W TM PFC: power
factor vs. output power
Figure 12.
EVL6563S-250W TM PFC: THD vs.
output power
Figure 13.
EVL6563S-250W TM PFC:
efficiency vs. output power
Figure 14.
EVL6563S-250W TM PFC: average
efficiency acc. to ES-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com