Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3119 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 14Page - STMicroelectronics AN3119 Datasheet HTML 15Page - STMicroelectronics AN3119 Datasheet HTML 16Page - STMicroelectronics AN3119 Datasheet HTML 17Page - STMicroelectronics AN3119 Datasheet HTML 18Page - STMicroelectronics AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Test results and significant waveforms
AN3119
18/32
Doc ID 16849 Rev 2
Figure 26.
EVL6563S-250W TM PFC: startup attempt at 80 Vac-60 Hz - full load
In Figure 26 a startup tentative below the threshold is shown. As seen, at startup the RUN
pin does not allow the PFC startup even if the Vcc has reached the turn-on threshold. PFC
output voltage remains at the peak of the input sinewave.
In Figure 27 and 28 the waveforms of the circuit during operation of brown-out protection are
shown. In both cases the mains voltage was increased or decreased slowly; as seen, both
at turn-on or turn-off there are no bouncing or starting attempts by the PFC converter.
CH1: PFC output voltage
CH2: Vcc voltage (pin #14)
CH3: RUN (pin #10)
CH4: gate drive (pin #13)
Figure 27.
EVL6563S-250W TM PFC: startup
with slow input voltage increasing -
full load
Figure 28.
EVL6563S-250W TM PFC: turn-off
with slow input voltage decreasing
- full load
CH1: PFC output voltage
CH2: gate drive (pin #13)
CH3: RUN (pin #10)
CH4: PWM_stop (pin #9)
CH1: PFC output voltage
CH2: gate drive (pin #13)
CH3: RUN (pin #10)
CH4: PWM_stop (pin #9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com