Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3119 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 7Page - STMicroelectronics AN3119 Datasheet HTML 8Page - STMicroelectronics AN3119 Datasheet HTML 9Page - STMicroelectronics AN3119 Datasheet HTML 10Page - STMicroelectronics AN3119 Datasheet HTML 11Page - STMicroelectronics AN3119 Datasheet HTML 12Page - STMicroelectronics AN3119 Datasheet HTML 13Page - STMicroelectronics AN3119 Datasheet HTML 14Page - STMicroelectronics AN3119 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AN3119
Test results and significant waveforms
Doc ID 16849 Rev 2
11/32
For user reference, waveforms of the input current and output voltage at 230 Vac and 100
Vac input voltage mains during nominal and 70 W load operation are shown in Figure 7, 8,
9, and 10.
As shown in the images, the current shape is very good and sinewave has very low
distortion, as confirmed by the low THD in all line and load conditions.
The power factor (PF) and the total harmonic distortion (THD) have also been measured
and the results are given in Figure 11 and 12. As shown, the PF remains close to unity
throughout the input voltage mains and the total harmonic distortion is very low over all the
Figure 7.
EVL6563S-250W TM PFC: input
current waveform @230 V-50 Hz -
250 W load
Figure 8.
EVL6563S-250W TM PFC: input
current waveform @100 V-50 Hz -
250 W load
CH1: Vout
CH2: V bridge
CH4: I_AC
CH1: Vout
CH2: V bridge
CH4: I_AC
Figure 9.
EVL6563S-250W TM PFC: input
current waveform @230 V-50 Hz - 70
W load
Figure 10.
EVL6563S-250W TM PFC: input
current waveform @100 V-50 Hz - 70
W load
CH1: Vout
CH2: V bridge
CH4: I_AC
CH1: Vout
CH2: V bridge
CH4: I_AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com