Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3119 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 16Page - STMicroelectronics AN3119 Datasheet HTML 17Page - STMicroelectronics AN3119 Datasheet HTML 18Page - STMicroelectronics AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics AN3119 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Test results and significant waveforms
AN3119
20/32
Doc ID 16849 Rev 2
4.5
PFC_OK pin and feedback failure (open-loop) protection
During normal operation, the voltage control loop provides for the output voltage (Vout) of
the PFC pre-regulator close to its nominal value, set by the resistors ratio of the feedback
output divider. In the L6563S the PFC_OK pin (#7) has been dedicated to monitoring the
output voltage with a separate resistor divider made up of R21, R25, R26 (high) and R33
(low), see Figure 2. This divider is selected so that the voltage at the pin reaches 2.5 V if the
output voltage exceeds a pre-set value (VOVP), usually larger than the maximum Vout that
can be expected, also including worst-case load/line transients.
For the EVL6563S-250W:
Vo = 400 V, Vovp = 434 V. Select: R21+R25+R26=8.8 M
Ω; then:
R33=8.8 M
Ω·2.5/(434-2.5)=51 kΩ.
Once this function is triggered, the gate drive activity is immediately stopped until the
voltage on the PFC_OK pin drops below 2.4 V. An example is given in Figure 31. Notice that
both feedback dividers connected to the L6563S pin (#1) and PFC_OK pin (#7) can be
selected without any constraints. The unique criterion is that both dividers have to sink a
current from the output bus which needs to be significantly higher than the current biasing
the Error amplifier and PFC_OK comparator.
The OVP function described above is able to handle “normal” over voltage conditions, i.e.
those resulting from an abrupt load/line change or occurring at startup. In a case where the
overvoltage is generated by a feedback disconnection, for instance, when one of the upper
resistors of the output divider fails to open, an additional circuitry detects the voltage drop of
the INV pin. If the voltage on pin INV is lower than 1.66 V and at the same time the OVP is
active, a feedback failure is assumed. Therefore, the gate drive activity is immediately
stopped, the device is shut down, its quiescent consumption is reduced below 180 µA and
the condition is latched as long as the supply voltage of the L6563S is above the UVLO
threshold. To restart the system it is necessary to recycle the input power, so that the Vcc
voltage of the L6563S goes below Vccrestart. Note that this function offers complete
protection against not only feedback loop failures or erroneous settings, but also against a
failure of the protection itself. Either resistor of the PFC_OK divider failing (short or open), or
a PFC_OK pin floating, results in shutting down the IC and stopping the pre-regulator.
Moreover, the PFC_OK pin doubles its function as a not-latched IC disable; a voltage below
0.23 V shuts down the IC, reducing its consumption to below 2 mA. To restart the IC simply
let the voltage at the pin go above 0.27 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com