Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3308 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics AN3308 Datasheet HTML 14Page - STMicroelectronics AN3308 Datasheet HTML 15Page - STMicroelectronics AN3308 Datasheet HTML 16Page - STMicroelectronics AN3308 Datasheet HTML 17Page - STMicroelectronics AN3308 Datasheet HTML 18Page - STMicroelectronics AN3308 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
AN3308
High-pass filter
Doc ID 18198 Rev 1
15/52
4
High-pass filter
The LIS3DH provides an embedded high-pass filtering capability to easily delete the DC
component of the measured acceleration. As shown in Figure 2, through FDS, HPen1, and
HPen2 bits of CTRL_REG2 configuration, it is possible to independently apply the filter on
the output data and/or on the interrupts data. This means that it is possible, i.e., to get
filtered data while interrupt generation works on unfiltered data.
Figure 2.
High-pass filter connections block diagram
4.1
Filter configuration
Referring to Table 7, two operating modes are possible for the high-pass filter:
The bandwidth of the high-pass filter depends on the selected ODR and on the settings of
HPCFx bits of CTRL_REG2. The high-pass filter cut-off frequencies (ft) are shown in
Table 8.
Table 7.
High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
10
Normal mode
1
1
Autoreset on interrupt event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com