Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3308 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 23Page - STMicroelectronics AN3308 Datasheet HTML 24Page - STMicroelectronics AN3308 Datasheet HTML 25Page - STMicroelectronics AN3308 Datasheet HTML 26Page - STMicroelectronics AN3308 Datasheet HTML 27Page - STMicroelectronics AN3308 Datasheet HTML 28Page - STMicroelectronics AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
AN3308
6D/4D orientation detection
Doc ID 18198 Rev 1
27/52
7
6D/4D orientation detection
The LIS3DH provides an advanced capability to detect the orientation of the device in the
space, enabling easy implementation of an energy saving procedure and automatic image
rotation for handheld devices.
7.1
6D orientation detection
The 6D orientation direction function can be enabled through AOI and 6D bits of the
INT1_CFG register. When configured for 6D function, the ZH, ZL, YH, YL, XH, and XL bits
of INT1_SRC give information about the value of the acceleration generating the interrupt
when it is greater than the threshold, and about its sign. In more detail:
●
ZH (YH, XH) is 1 when the sensed acceleration is bigger than the threshold in the
positive direction
●
ZL (YL, XL) is 1 when the sensed acceleration is bigger than the threshold in the
negative direction.
Figure 11.
ZH, ZL, YH, YL, XH, and XL behavior
There are two possible configurations for the 6D direction function:
●
6D movement recognition: In this configuration the interrupt is generated when the
device moves from a direction (known or unknown) to a different known direction. The
interrupt is active only for 1/ODR
●
6D position recognition: In this configuration the interrupt is generated when the device
is stable in a known direction. The interrupt is active as long as position is maintained
(Figure 12, (a) and (b)).
Referring to Figure 12, the 6D movement line shows the behavior of the interrupt when the
device is configured for 6D movement recognition on the X and Y axis (INT1_CFG =
0x4Ah), while the 6D position line shows the behavior of the interrupt when the device is
configured for 6D position recognition on the X and Y axis (INT1_CFG = 0xCAh). INT1_THS
is set to 0x21.
Referring to Figure 13, the device has been configured for 6D position function on X, Y, and
Z axes. Table 17 shows the content of the INT1_SRC register for each position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com