Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3308 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 26Page - STMicroelectronics AN3308 Datasheet HTML 27Page - STMicroelectronics AN3308 Datasheet HTML 28Page - STMicroelectronics AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Click and double click recognition
AN3308
30/52
Doc ID 18198 Rev 1
8
Click and double click recognition
The single click and double click recognition functions featured in the LIS3DH help to create
a man-machine interface with little software loading. The device can be configured to output
an interrupt signal on a dedicated pin when tapped in any direction.
If the sensor is exposed to a single input stimulus, it generates an interrupt request on
inertial interrupt pin INT1 and/or INT2. A more advanced feature allows the generation of an
interrupt request when a double input stimulus with programmable time between the two
events is recognized, enabling a mouse button-like function.
This function can be fully programmed by the user in terms of expected amplitude and
timing of the stimuli by means of the dedicated set of registers described in Section 8.3.
Single and double click recognition works independently on the selected output data rate.
8.1
Single click
If the device is configured for single click event detection, an interrupt is generated when the
input acceleration on the selected channel exceeds the programmed threshold, and returns
below it within a time window defined by the TimeLimit register.
If the LIR bit of the TAP_CFG register is not set, the interrupt is kept high for the duration of
the latency window. If the LIR bit is set, the interrupt is kept high until the TAP_SRC register
is read.
Figure 14.
Single click event with non latched interrupt
In Figure 14(a) the click has been recognized, while in Figure 14(b) the click has not been
recognized because the acceleration goes under the threshold after the TimeLimit has
expired.
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com