Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3308 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics AN3308 Datasheet HTML 39Page - STMicroelectronics AN3308 Datasheet HTML 40Page - STMicroelectronics AN3308 Datasheet HTML 41Page - STMicroelectronics AN3308 Datasheet HTML 42Page - STMicroelectronics AN3308 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AN3308
First in first out (FIFO) buffer
Doc ID 18198 Rev 1
39/52
9
First in first out (FIFO) buffer
In order to decrease the host processor interaction and facilitate post processing data for
events recognition, LIS3DH embeds a first in first out buffer (FIFO) for each of the three
output channels, X, Y, and Z.
FIFO use allows a consistent power saving for the system, it can wake-up only when
needed and burst the significant data out from the FIFO.
The FIFO buffer can work according to four different modes that guarantee a high-level of
flexibility during application development: Bypass mode, FIFO mode, Stream mode, and
Stream-to-FIFO mode.
The programmable watermark level and FIFO overrun event can be enabled to generate
dedicated interrupts on the INT1 pin.
9.1
FIFO description
The FIFO buffer is able to store up to 32 acceleration samples of 10 bits for each channel;
data are stored in the 16-bit 2’s complement left justified representation.
The data samples set consists of 6 bytes (Xl, Xh, Yl, Yh, Zl, and Zh) and they are released
to the FIFO at the selected output data rate (ODR).
The new sample set is placed in the first empty FIFO slot until the buffer is full, therefore, the
oldest value is overwritten.
Table 33.
FIFO buffer Full Representation (32nd sample set stored)
Output
Registers
0x28h
0x29h
0x2Ah
0x2Bh
0x2Ch
0x2Dh
Xl(0)
Xh(0)
Yl(0)
Yh(0)
Zl(0)
Zh(0)
FIFO INDEx
FIFO Sample Set
FIFO(0)
Xl(0)
Xh(0)
Yl(0)
Yh(0)
Zl(0)
Zh(0)
FIFO(1)
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO(2)
Xl(2)
Xh(2)
Yl(2)
Yh(2)
Zl(2)
Zh(2)
FIFO(3)
Xl(3)
Xh(3)
Yl(3)
Yh(3)
Zl(3)
Zh(3)
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FIFO(30)
Xl(30)
Xh(30)
Yl(30)
Yh(30)
Zl(30)
Zh(30)
FIFO(31)
Xl(31)
Xh(31)
Yl(31)
Yh(31)
Zl(31)
Zh(31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com