Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3308 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 41Page - STMicroelectronics AN3308 Datasheet HTML 42Page - STMicroelectronics AN3308 Datasheet HTML 43Page - STMicroelectronics AN3308 Datasheet HTML 44Page - STMicroelectronics AN3308 Datasheet HTML 45Page - STMicroelectronics AN3308 Datasheet HTML 46Page - STMicroelectronics AN3308 Datasheet HTML 47Page - STMicroelectronics AN3308 Datasheet HTML 48Page - STMicroelectronics AN3308 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
AN3308
First in first out (FIFO) buffer
Doc ID 18198 Rev 1
45/52
Figure 25.
Stream mode fast reading behavior
In stream mode, the FIFO buffer is continuously filling (from F0 to F31) at the selected
output data rate. When the buffer is full the OVRN flag goes up and the suggested solution
is to read all FIFO samples (192 bytes) faster then 1*ODR, in order to make free FIFO slots
available for the new acceleration samples. This allows to avoid loss of data and to decrease
the host processor interaction increasing system efficiency. If the reading procedure is not
fast enough, three different cases can be observed:
1.
FIFO sample set (6 bytes) reading faster than 1*ODR: data are correctly retrieved
because a free slot is made available before new data is generated.
2.
FIFO sample set (6 bytes) reading synchronous to 1*ODR: data are correctly retrieved
because a free slot is made available before new data is generated but FIFO benefits
are not exploited. This case is equivalent to read data on data ready interrupt and does
not reduce the host processor interaction compared to the standard accelerometer
reading.
3.
FIFO sample set (6 bytes) reading slower than 1*ODR: in this case some data is lost
because data recovery is not fast enough to free slots for new acceleration data
Figure 26. The number of correctly recovered samples is related to the difference
between the current ODR and the FIFO sample set reading rate.
Figure 26.
Stream mode slow reading behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com