Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3308 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 27Page - STMicroelectronics AN3308 Datasheet HTML 28Page - STMicroelectronics AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AN3308
Click and double click recognition
Doc ID 18198 Rev 1
31/52
8.2
Double click
If the device is configured for double click event detection, an interrupt is generated when,
after a first click, a second click is recognized. The recognition of the second click occurs
only if the event satisfies the rules defined by the latency and windows registers.
In particular, after the first click has been recognized, the second click detection procedure
is delayed for an interval defined by the latency register. This means that after the first click
has been recognized, the second click detection procedure starts only if the input
acceleration exceeds the threshold after the latency window but before the window has
expired (Figure 15 (a)), or if the acceleration is still above the threshold after the latency has
expired (Figure 16 (b)).
Once the second click detection procedure is initiated, the second click is recognized with
the same rule as the first: the acceleration must return below the threshold before the
TimeLimit has expired.
It is important to appropriately define the latency window to avoid unwanted clicks due to
spurious bouncing of the input signal.
Figure 15.
Single and double click recognition
Figure 15 illustrates a single click event (a) and a double click event (b). The device is able
to distinguish between (a) and (b) by changing the settings of the TAP_CFG register from
single to double click recognition.
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com