Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3978 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 4Page - STMicroelectronics AN3978 Datasheet HTML 5Page - STMicroelectronics AN3978 Datasheet HTML 6Page - STMicroelectronics AN3978 Datasheet HTML 7Page - STMicroelectronics AN3978 Datasheet HTML 8Page - STMicroelectronics AN3978 Datasheet HTML 9Page - STMicroelectronics AN3978 Datasheet HTML 10Page - STMicroelectronics AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Schematic design
AN3978
8/19
Doc ID 022179 Rev 1
A Transil™ diode is used to clamp high energy surge pulses followed by a capacitive filter to
suppress noise disturbance and limit application EMI. Capacitor C1 (100
μF) has a low ESR
parameter in order to effectively suppress supply voltage fluctuations.
1.4
Short-circuit current limit settings
Configuration of the current limit is done by the external resistor connection between the
RSC pin and GND. A 470
Ω resistor is used in the STEVAL-IFP020V1 application to adjust
the maximum current limit, which is 3.2 A (typ.), due to the fact that 0 < RSC < 5 k
Ω,
according to the L6370Q datasheet.
1.5
ON-DELAY configuration
ON-DELAY pin functionality is well described in the L6370Q datasheet. Basically, it is used
to disable the power stage if an overcurrent condition lasts longer than the adjusted tON.
This feature also suppresses diagnostic activation in case of short-time overload or short-
circuit.
A capacitor value of 680 pF connected between the ON-DELAY and GND adjusts the
ON- DELAY time to:
tON = 1.28 * CON = 1.28 μs/pF * 680 pF = 870.4 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com