Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3978 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics AN3978 Datasheet HTML 13Page - STMicroelectronics AN3978 Datasheet HTML 14Page - STMicroelectronics AN3978 Datasheet HTML 15Page - STMicroelectronics AN3978 Datasheet HTML 16Page - STMicroelectronics AN3978 Datasheet HTML 17Page - STMicroelectronics AN3978 Datasheet HTML 18Page - STMicroelectronics AN3978 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AN3978
References
Doc ID 022179 Rev 1
17/19
References
1.
L6370Q device datasheet
2.
IEC61131-2: Programmable Controllers - Equipment Requirements and Tests
3.
IEC61000-4-4: Electrical fast transient/burst immunity test
4.
IEC61000-4-5: Surge immunity test.
TP1,
TP2,
TP3,
TP4,
TP5,
TP6
6
Test point
Test_Point_Small
Any
U1
1
L6370Q
Intelligent
power switch
VFQFPN48_PADS STMicroelectronics L6370QTR
W1
1
5.08 mm
Shorting link
Shorting link
5.08 mm 10 A
Any
W2
1
2.54 mm
Jumper
Jumper 2P
2.54 mm
Any
Table 5.
Bill of material (continued)
Desig-
nator
Quan-
tity
Comment
Description
Footprint
Manufacturer / ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com