Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3978 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 6Page - STMicroelectronics AN3978 Datasheet HTML 7Page - STMicroelectronics AN3978 Datasheet HTML 8Page - STMicroelectronics AN3978 Datasheet HTML 9Page - STMicroelectronics AN3978 Datasheet HTML 10Page - STMicroelectronics AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics AN3978 Datasheet HTML 13Page - STMicroelectronics AN3978 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PCB layout
AN3978
10/19
Doc ID 022179 Rev 1
2.1
Supply voltage filter layout
It is important to place the supply voltage filter components in the right order and make the
routes accordingly. A correct reference is visible in Figure 7.
Figure 7.
Supply voltage filter PCB design
The power supply is connected to CN3. The first component on the track should always be
a Transil diode (D1) in order to ensure a low-impedance path to the supply connector and to
minimize loop which may create electromagnetic disturbances. The next component is
a large bulk capacitor (C1). Its function is to cover energetic peaks during output current
transients and optimize EMI performance. The last stage of the filter is a ~100 nF ceramic
capacitor (C2). Points TP1 and TP2 are central reference points for power (Vs and GND)
distribution for the application.
2.2
Earth coupling
The board is equipped with a connection to earth protection line. Two high voltage coupling
capacitors - C3 and C4 (4.7 nF / 3 kV) are assembled on the board. It is recommended to
lead their connection tracks directly to power supply connector CN3 to suppress
charge/discharge current intervention of application reference supply points (TP1, TP2).
The charge/discharge currents are generated, for instance, by burst or surge noise in the
environment or during EMC tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com