Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3978 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3978 Datasheet HTML 1Page - STMicroelectronics AN3978 Datasheet HTML 2Page - STMicroelectronics AN3978 Datasheet HTML 3Page - STMicroelectronics AN3978 Datasheet HTML 4Page - STMicroelectronics AN3978 Datasheet HTML 5Page - STMicroelectronics AN3978 Datasheet HTML 6Page - STMicroelectronics AN3978 Datasheet HTML 7Page - STMicroelectronics AN3978 Datasheet HTML 8Page - STMicroelectronics AN3978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2011
Doc ID 022179 Rev 1
1/19
AN3978
Application note
Designing a digital output module
with the L6370Q intelligent power switch STEVAL-IFP020V1
Introduction
The L6370Q is a single channel high-side driver chip intended for driving resistive, inductive
or capacitive loads in industrial environments. It provides an embedded fast
demagnetization feature for inductive load switch-off. The chip evaluates load disconnection
(in channel ON state), output short connection to VCC or GND, overtemperature, supply
voltage undervoltage and provides feedback to a control unit. An integrated extensive set of
electrical protections makes the application safe and reliable for use in harsh conditions.
This application note documents an example of an application design with the L6370Q
component. It guides the user on how to choose application external components, provides
appropriate schematic diagrams and PCB design, and an overview of immunity test results.
Application main features
●
Galvanic isolated digital output module
●
Single channel topology
●
2.5 A output current
●
100 m
Ω output MOSFET RDSON
●
9.5 V to 35 V supply voltage range
●
Output current limiting
●
Thermal shutdown
●
Open ground protection
●
Internal negative voltage clamping to VS - 50 V for fast demagnetization
●
Undervoltage lockout with hysteresis
●
Open load detection
●
Two diagnostic outputs
●
Output status LED indication
●
Non-dissipative short-circuit protection
●
Protection against surge pulses (IEC61000-4-5)
●
Immunity against burst transient (IEC61000-4-4)
●
ESD protection (IEC61000-4-2)
●
Compact design thanks to small component packages (L6370Q in QFN 7 x 7 mm)
www.st.com


Similar Part No. - AN3978

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3971 STMICROELECTRONICS-AN3971 Datasheet
1Mb / 28P
For photovoltaic standalone installations
11-May-2012
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
This document describes how to use the STM3210C-EVAL
11-Nov-2011
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
Electronic ballast with active PFC using
11-Nov-2011
AN3975 STMICROELECTRONICS-AN3975 Datasheet
1Mb / 26P
Transparent serial link over ST7590 OFDM PRIME modem
16-Nov-2011
More results

Similar Description - AN3978

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN628 STMICROELECTRONICS-AN628 Datasheet
784Kb / 35P
DESIGNING A HIGH POWER FACTOR SWITCHING
Apr-2004
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
Solution for designing a transition mode
17-Nov-2009
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
Designing a low cost power supply using
22-Nov-2007
logo
Contec Co., Ltd
CPS-DO-16L CONTEC-CPS-DO-16L Datasheet
640Kb / 2P
Digital Output Module
CPSN-DO-08L CONTEC-CPSN-DO-08L Datasheet
445Kb / 2P
Digital Output Module
CPSN-DO-08RL CONTEC-CPSN-DO-08RL Datasheet
445Kb / 3P
Digital Output Module Source Type
logo
Festo Corporation.
8086601 FESTO-8086601 Datasheet
92Kb / 2P
Digital input/output module
8086603 FESTO-8086603 Datasheet
91Kb / 2P
Digital input/output module
4080491 FESTO-4080491 Datasheet
73Kb / 2P
Digital output module
logo
Advantech Co., Ltd.
APAX-5046 ADVANTECH-APAX-5046_V01 Datasheet
317Kb / 1P
24-ch Digital Output Module
27-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com