Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 2Page - STMicroelectronics AN4130 Datasheet HTML 3Page - STMicroelectronics AN4130 Datasheet HTML 4Page - STMicroelectronics AN4130 Datasheet HTML 5Page - STMicroelectronics AN4130 Datasheet HTML 6Page - STMicroelectronics AN4130 Datasheet HTML 7Page - STMicroelectronics AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Theory of operation
AN4130
6/41
Doc ID 023315 Rev 1
2
Theory of operation
2.1
Transition-mode flyback
Flyback power converters operate by storing energy from the primary side in an inductor's
air gap, and discharging the energy into a load on the secondary side. The converter can
run in two modes:
1.
Discontinuous conduction, where there is a deadtime between discharge and charge
cycles.
2.
Continuous conduction, where the discharge cycle is ended by starting the charge
cycle before all the stored energy is delivered to the load.
Neither mode fully utilizes the magnetic structure of the inductor. However, if the recharge
cycle is started just after the discharge cycle ends, the natural ringing of the inductor and
stray capacitance can be used to reduce turn-on voltage stress on the switch. Transition
mode converters can be very efficient as a result, having greatly reduced turn-on loss - the
switch does not have to discharge its own and stray capacitance from a high voltage.
Figure 3.
FET drain voltage waveforms
Operating frequency is a function of source and load voltages, and load current. If the
source voltage varies, the operating frequency varies. This makes the transition mode
converter very popular in low-cost commercial applications, where the varying frequency,
due to input voltage ripple, spreads noise over a wide spectrum, reducing the noise at any
one frequency. Conducted EMI tests can be easier to pass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com