Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 29Page - STMicroelectronics AN4130 Datasheet HTML 30Page - STMicroelectronics AN4130 Datasheet HTML 31Page - STMicroelectronics AN4130 Datasheet HTML 32Page - STMicroelectronics AN4130 Datasheet HTML 33Page - STMicroelectronics AN4130 Datasheet HTML 34Page - STMicroelectronics AN4130 Datasheet HTML 35Page - STMicroelectronics AN4130 Datasheet HTML 36Page - STMicroelectronics AN4130 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AN4130
Bill of materials
Doc ID 023315 Rev 1
33/41
5
Bill of materials
Table 2.
BOM
Designator
Comment
Description
Footprint
Manufacturer
Vendor
BR1
BRIDGE SMT
1 A DIP
BRIDGE
RH0x
Diodes Inc RH06-T
Digi-Key RH06DICT-ND
C2, C3
0.1 µF 250 V
Capacitor
BoxSDLWH5-
0.5-8-6.3-11.2
Panasonic ECQ-
E2104KB
Digi-Key P10967-ND
C4
0.22 µF 250 V
Capacitor
BOXSDLWH7.5-
0.6-10.3-6-10.8
Panasonic ECQ-
E2224KB
Digi-Key P10971-ND
C5
1 nF
Capacitor
0805
0805 X7R
C6
4.7 µF 25 V
Capacitor
0805
Taiyo Yuden
TMK212BJ475KG-T
Digi-Key 587-1782-1-ND
C7
10 nF
Capacitor
0805
0805 X7R
C8
10 µF 35 V
Capacitor
CEV5MMP
Nichicon
UPW1V100MDD6
Digi-Key 493-1850-ND
C10
330 pF
Capacitor
1206
AVX 12062A331JAT2A
Digi-Key 478-1433-6-ND
C11
330 µF 63 V
Capacitor
CEH12dx20L
Panasonic EEU-
FC1J331
Digi-Key P10349-ND
D1
BAT48ZFILM
Schottky
diode
SOD-123
ST BAT48ZFILM
D2
MMSD4148
Signal diode
150-200 mA
100 V 4 ns
SOD-123
MMSD4148
D3
STTH102A
Diode
SMA
ST STTH102A
L2
4.7 mHy
Inductor
INDUC9MMVER
T
Wurth 744 772 472 or
744 745 2 472
Digi-Key 732-3790-ND
or 732-3084-ND
R1
10
Ω fusible
Resistor
resaxvert0.5w
Vishay/BC Components
NFR0100001009JR500
Digi-Key PPC10CCT-ND
R2
390 0.5 W
Resistor
RES0.5
VISHAY
NFR25H0003900JR500
Digi-Key PPC390BCT-
ND
R3
270 k
Ω
Resistor
1206
1206 5%
R4
3.0 k
Ω
Resistor
0805
0805 5%
R5
1R00 1%
Resistor
1206
1206 1%
R6
22 k
Ω
Resistor
0805
0805 5%
R7
2.4 k
Ω
Resistor
0805
0805 5%
R8
10 k
Ω
Resistor
1206
1206 5%
R9
43 k
Ω
Resistor
1206
1206 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com