Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 4Page - STMicroelectronics AN4130 Datasheet HTML 5Page - STMicroelectronics AN4130 Datasheet HTML 6Page - STMicroelectronics AN4130 Datasheet HTML 7Page - STMicroelectronics AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics AN4130 Datasheet HTML 11Page - STMicroelectronics AN4130 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Theory of operation
AN4130
8/41
Doc ID 023315 Rev 1
2.5
Using the HVLED815PF current limit for power factor
correction
2.5.1
Average current regulation
The HVLED815PF does an excellent job of regulating output current in a DC input flyback
supply. It calculates the peak current at which to shut off the driving FET by continuously
looking at the duty cycle. The error between desired duty cycle and actual duty cycle
appears as a current on the ILED pin - a capacitor on this pin integrates the error to zero
over time. Since the voltage on this pin, divided by 2, directly sets the current at which the
FET switch turns off, the output current is regulated.
In DC-input flyback power supplies very small capacitors are used on the ILED pin for quick
response to changing loads or input voltage. The capacitor on this pin can be much larger if
the load voltage does not change rapidly. LED current can be regulated more slowly,
averaging out the error over several cycles of input voltage. A 4.7 µF low-voltage ceramic
capacitor is used here.
The average LED current is kept constant even if the input voltage waveform is grossly
distorted, such as a rectified sinewave, as occurs in the PFC-flyback topology. The input
current waveform, however, is truly ugly. Note the magenta trace in the figure below.
Figure 5.
Current distortion with sinewave input
Where:
●
Yellow = line voltage
●
Magenta = line current.
The peak FET shut-off current remains at the same level throughout the AC half cycle, but
the duty cycle of the converter changes. (FET ON-time increases at lower input voltage - it
takes longer to reach the same current if the converter input voltage is lower). The resulting
input current waveform is VERY rich in harmonics (THD is in the range of 130%), though
power factor is actually pretty good.
2.5.2
Adding an AC component to the current regulator
If an AC signal is injected into the ILED pin, the instantaneous FET peak current can be
controlled, while the average output current (a DC level) remains regulated. The figure
below shows the injection of a small fraction of the line voltage into the bottom of the ILED
capacitor. The change in the input current waveform is dramatic. But it is best for only one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com