Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics AN4130 Datasheet HTML 28Page - STMicroelectronics AN4130 Datasheet HTML 29Page - STMicroelectronics AN4130 Datasheet HTML 30Page - STMicroelectronics AN4130 Datasheet HTML 31Page - STMicroelectronics AN4130 Datasheet HTML 32Page - STMicroelectronics AN4130 Datasheet HTML 33Page - STMicroelectronics AN4130 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Design guidance
AN4130
30/41
Doc ID 023315 Rev 1
insignificant for the damping function. So the ringing network primarily consists of the filter
inductor and the converter input capacitor.
The typical damping network across a current-sink load would consist of a capacitor and a
resistor in series. The minimum capacitor value would be 3 times the filter capacitance (3X
C1, use 0.33 µF), and a resistor of:
Equation 9
However, power dissipation in the damping resistor can be a problem. If the dimmer is set to
90 degrees conduction, the input voltage comes on at the peak of the line waveform. The
damping resistor must charge the damping capacitor 120 times a second to the peak line
voltage. For each transient, the energy dissipated in the resistor is slightly less than:
Equation 10
Other damping mechanisms exist, however, so the damping network does not need to be so
large. Reducing the size of the capacitor would allow the use of a 1/2 W resistor.
The PFC-flyback converter, unlike a regulating converter, has a POSITIVE input resistance
near the filter’s resonant frequency. The input current it draws increases when the line
voltage increases, short term. This contributes some damping. The effective resistance can
be calculated from line voltage and input power. Input power is about 11 W. At nominal line
the input resistance is:
Equation 11
Note that this resistance rises and falls as the square of the line voltage.
Some additional damping is provided by the winding resistance of the inductors and the
fusible resistor. It was found experimentally that the ringing could be completely damped
with a series R-C network of 0.22 µF and 390
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com