Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 6Page - STMicroelectronics AN4130 Datasheet HTML 7Page - STMicroelectronics AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics AN4130 Datasheet HTML 11Page - STMicroelectronics AN4130 Datasheet HTML 12Page - STMicroelectronics AN4130 Datasheet HTML 13Page - STMicroelectronics AN4130 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Theory of operation
AN4130
10/41
Doc ID 023315 Rev 1
Figure 9.
Waveforms with 130 V input
Where:
●
Yellow = line voltage
●
Magenta = line current, 50 mA/div ref -3div
●
Blue = voltage at ILED pin, ref -3 div
●
Green = LED current, 50 mA/div ref -3div.
Power factor is excellent over the designed line voltage range of 90 V to 132 V, well above
0.98.
Total harmonic distortion reaches a minimum at one line voltage. Over the range, THD is
less than 20%.
2.6
Diode clamp to limit input current
Since the peak FET current is directly controlled by the voltage on the ILED pin, a diode
clamp can be added to limit the voltage increase to reasonable levels. The graph below
shows the results for two conditions - no diode, and a Schottky diode having about 0.3 V
forward drop, placed across the DC filter capacitor.
The HVLED815 attempts to provide regulated power even if low line voltage makes that task
difficult. It raises the voltage on the ILED pin to fairly high levels if the line voltage is reduced.
Losses in the unit rise dramatically with decreasing line voltage as the input current
increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com