Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4130 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 21Page - STMicroelectronics AN4130 Datasheet HTML 22Page - STMicroelectronics AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics AN4130 Datasheet HTML 28Page - STMicroelectronics AN4130 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
AN4130
Design guidance
Doc ID 023315 Rev 1
25/41
4.9
COMP pin capacitor
Because the HVLED815PF is used only in current limit mode when driving LEDs, the usual
loop stability compensation network is not needed. Voltage limiting is used only when the
LED string is open (think of bench testing…) and the comp pin capacitor needs to be small
so that overvoltage response is quick. 1 nanofarad is a good value.
4.10
Current sense resistor
This resistor value is determined by the average LED current desired and turns ratio of the
transformer, according to a formula, as follows:
Equation 3
where n is the transformer turns ratio, VCLED the internal reference, and RSENSE the current
sensing resistor. Internally, VCLED is 0.2 V.
This is the ideal situation. In fact, because the transformer is not the ideal transformer,
imperfect coupling makes the actual turns ratio less than the designed value. Also the
voltage feed-forward compensation and demagnetizing time further reduce the actual LED
current from the calculated number. Typically, the coefficient K is around 0.85~0.9.
Therefore the formula to determine the resistor is:
Equation 4
For this demo board, with turns ratio of 2 and a 1.00
Ω, 1% current sensing resistor, we get
the LED current around 180 mA. For different designs, tweaks may be needed, but once the
final values are selected, repeatability from unit to unit is excellent.
4.11
AC injection divider (R3, R4)
In the US, line current total harmonic distortion must be kept below 20% of the 60 Hz
fundamental.
The input current is already distorted due to the use of a sinusoidal peak current envelope.
Input current harmonic distortion actually improves slightly when the line current goes to
zero for a short time around the voltage zero crossing. The distortion minimum only occurs
at one input voltage, increasing as the line voltage is moved away from that point. The
average of the injected AC waveform (not the RMS value) should be set approximately
equal to the DC level required to give the correct current to the LEDs. At nominal line the
average injected voltage is close to 0.95 V - the RMS voltage is 1.111 times the average, or
1.05 V, peak voltage is about 1.45 V. Again, tweaking may be necessary, but repeatability
between units is excellent once the values are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com