Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4241 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 2Page - STMicroelectronics AN4241 Datasheet HTML 3Page - STMicroelectronics AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Motion engine
AN4241
6/18
Doc ID 024193 Rev 1
2
Motion engine
The dSPIN™ family devices integrate a motion engine providing a full set of commands. The
motion engine generates the step sequence according to the programmed speed profile and
the requested command.
The speed profile represents the operation boundaries, defined by the acceleration,
deceleration, maximum and minimum speed, which should be respected to ensure the
proper functioning of the application.
The devices allow all the parameters to be set independently:
●
Acceleration and deceleration values range from 14.55 up to 59590 steps/s2. The
device can also be set to use an infinite acceleration and deceleration value; in this
case, both the acceleration and deceleration phases are totally skipped.
●
Maximum speed value ranges from 15.25 steps/s up to 15610 step/s.
●
Minimum speed value ranges from 0 up to 976 steps/s.
The acceleration, deceleration and minimum speed parameters can be modified when the
motor is stopped only. The maximum speed can be also changed when the motor is
running, but the new value is only considered at next command execution.
The commands supported by the motion engine are listed in Table 1.
Table 1.
Command list
Name
Length
(bytes)
Description
Notes
Move
4 (including 3
of arguments)
Performing the target number of microsteps
as per requested direction.
Can be executed when
the motor is stopped
only.
GoTo
4 (including 3
of arguments)
Reaching the absolute target position
(ABS_POS register) using the shortest
path.
Not accepted while
another command is
under execution.
GoTo_DIR
4 (including 3
of arguments)
Reaching the absolute target position
(ABS_POS register) running as per
requested direction.
Not accepted while
another command is
under execution.
GoHome
1
Reaching the home position (all zeroes)
using the shortest path.
Not accepted while
another command is
under execution.
GoMark
1
Reaching the position stored into the MARK
register using the shortest path.
Not accepted while
another command is
under execution.
Run
4 (including 3
of arguments)
Reaching the target speed in the requested
direction.
Always accepted and
immediately executed
(if present, the previous
command is aborted)
StepClock
1
Switching the device in step-clock mode
imposing the direction.
Can be executed when
the motor is stopped
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com