Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4241 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics AN4241 Datasheet HTML 13Page - STMicroelectronics AN4241 Datasheet HTML 14Page - STMicroelectronics AN4241 Datasheet HTML 15Page - STMicroelectronics AN4241 Datasheet HTML 16Page - STMicroelectronics AN4241 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN4241
Protections
Doc ID 024193 Rev 1
13/18
At power-up, the device is in undervoltage status: the power bridges of the device are kept
disabled until the supply voltage is below the turn-on threshold. In this condition all the
commands enabling the bridges (e.g. Move, Run, GoTo, HardStop, etc.) are ignored and the
UVLO failure flag is forced low.
When the turn-on threshold is reached the power bridges are operative. The UVLO flag is
kept low until it is released through a GetStatus command.
The device returns in undervoltage status if the supply voltage falls below the turn-off
threshold.
Figure 8.
Undervoltage protection
Turn-on threshold
VS
Time
Power bridges
are kept disabled.
to zero.
Power bridges
are kept disabled.
Power bridges can be enabled.
it is released (GetStatus command).
Power bridges can be enabled.
it is released (GetStatus command).
Turn-off threshold
the UVLO flag is forced
to zero.
the UVLO flag is forced
The UVLO flag is kept to zero until
The UVLO flag is kept to zero until
AM16594v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com