Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4241 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4241 Datasheet HTML 1Page - STMicroelectronics AN4241 Datasheet HTML 2Page - STMicroelectronics AN4241 Datasheet HTML 3Page - STMicroelectronics AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
January 2013
Doc ID 024193 Rev 1
1/18
AN4241
Application note
dSPIN™ family: fully integrated stepper motor drivers
By Enrico Poli
Introduction
The L6470 and L6472 are fully integrated motor drivers providing a complete stand-alone
solution for the high-end stepper motor applications. The devices can be controlled by a
host microcontroller through a fast SPI interface and are able to execute a complete set of
motion commands.
This document describes how the devices can be configured and gives some suggestions
about the operation and the application design.
The current control algorithm of the devices (the L6470 voltage mode driving and the L6472
advanced current control) is not investigated in this document.
For further details, please, refer to the respective application notes AN4144 "Voltage mode
control operation and parameter optimization" and AN4158 "Peak current control with
automatic decay adjustment and predictive current control: basics and setup".
www.st.com


Similar Part No. - AN4241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
New generation of 650 V SiC diodes
30-May-2013
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
AN4246 STMICROELECTRONICS-AN4246 Datasheet
290Kb / 11P
Proprietary Code Read Out Protection on STM32L1 microcontrollers
03-Apr-2013
AN4248 STMICROELECTRONICS-AN4248 Datasheet
3Mb / 46P
60 W PSU design details for water purifier system
08-May-2014
More results

Similar Description - AN4241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Apr-2004
logo
List of Unclassifed Man...
AN321 ETC-AN321 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function
logo
STMicroelectronics
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
dSPIN fully integrated microstepping motor driver
24-Jan-2012
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
easySPIN ??fully integrated microstepping motor driver
22-Dec-2011
logo
Taiwan Memory Technolog...
T6331A TMT-T6331A Datasheet
189Kb / 2P
The T6331A are integrated, high-efficiency white or RGB LED drivers.
logo
STMicroelectronics
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
How to drive multiple stepper motors with the L6470 motor driver
08-Jan-2014
AN4355 STMICROELECTRONICS-AN4355 Datasheet
475Kb / 25P
The L6480 and L6482 devices are motor controllers providing
27-Mar-2015
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
Fully integrated microstepping motor driver using the L6470
22-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com